Part Number Hot Search : 
ACT90 0602N OXUF936 A1103 SP6643 LCX020 CA3035V1 LEADFREE
Product Description
Full Text Search
 

To Download MBR745 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR730 - MBR760
7.5A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AC
L B C K D A
Pin 1 Pin 2
Dim
M
Min 14.22 9.65 2.54 5.84 3/4 12.70 0.51 3.53AE 3.56 1.14 0.30 2.03 4.83
Max 15.88 10.67 3.43 6.86 6.35 14.73 1.14 4.09AE 4.83 1.40 0.64 2.92 5.33
A B C D E G
E
J
N G
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.3 grams (approx.) Mounting Position: Any Marking: Type Number
J R
Pin 1 + Pin 2 -
K L M
P
+ Case
N P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 125C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Voltage Rate of Change (Rated VR) Operating and Storage Temperature Range @ IF = 7.5A, TC = 25C @IF = 7.5A, TC = 125C @TC = 25C @ TC = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJc dV/dt Tj, TSTG MBR 730 30 21
@ TA = 25C unless otherwise specified
MBR 735 35 24.5
MBR 740 40 28 7.5 150 0.55 0.70 1.0 15 400 3.5
MBR 745 45 31.5
MBR 750 50 35
MBR 760 60 42
Unit V V A A
0.70 0.75 1.0 50
V mA pF C/W V/ms C
10,000 -65 to +150
Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
DS23007 Rev. 7 - 2
1 of 2
MBR730-MBR760
10
IF, INSTANTANEOUS FWD CURRENT (A)
50
MBR730 - MBR745
I(AV), AVERAGE FWD CURRENT (A)
8
10
MBR750 - MBR760
6
4
1.0
2
0
0.1
TJ = 25C Pulse width = 300s 2% duty cycle
0
50
100
150
0.2
0.4
0.6
0.8
1.0
TC, CASE TEMPERATURE (C) Fig. 1 Fwd Current Derating Curve
175
VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typ Instantaneous Fwd Characteristics
IFSM, PEAK FWD SURGE CURRENT (A)
8.3 ms Single half sine-wave (JEDEC method)
4000
150 125 100
Cj, CAPACITANCE (pF)
1000
75
50 25
100
1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
10
Tj = 125C
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
1.0
0.1
Tj = 75C
0.01
Tj = 25C
0.001 0 20 40 60 80 100
Resistive or Inductive load
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23007 Rev. 7 - 2
2 of 2
MBR730-MBR760


▲Up To Search▲   

 
Price & Availability of MBR745

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X